Part Number Hot Search : 
5630D7 LT1232 12030 K525CSEM ST5870 MR100 KE200 GRM18
Product Description
Full Text Search
 

To Download 008290010000011 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  14 elco elco low profile idc socket connector series 8290 available in industry standard sizes of 10-64 positions. they mate to elco series 8289, 8293, 8380 and 8383 headers, as well as other industry compatible connectors. an option- al strain relief, which can be easily fitted, eliminates stress on the cable. an in-contact polarizing key is available to ensure positive polarization. contacts are copper alloy for added reliability, and are designed to mate to 0.024" (0.60mm) to 0.025" (0.64mm) square pins. the contact design facilitates maximum wipe on the header pins. (early mate, late break). ordering code material: molding - ul94vo rated glass filled grey polyester contact - copper alloy contact plating: contacts are selective gold-plated over nickel, reflow tin lead on idc section current rating: 1 ampere at 70oc maximum ambient voltage rating: 350v dc or ac peak dielectric withstanding voltage: 1050v dc or ac peak insulation resistance: >1000 megohms contact resistance: initially, 10 milliohms maximum operating temperature: -55oc to +105oc wire gauge: 26 awg solid & stranded 28 awg solid & stranded 00 connector code prefix 8290 series number 010 number of circuits 010 = 10 position 014 = 14 position 016 = 16 position 020 = 20 position 026 = 26 position 034 = 34 position 040 = 40 position 044 = 44 position* 050 = 50 position 060 = 60 position 064 = 64 position 000 strain relief 000 = without strain relief (feed thru) standard 001 = with strain relief (feed thru) standard 006 = with latching strain relief (feed thru) see series 8380 page 20 01 plating 01 = 30 gold over nickel 04 = 10 gold over nickel 1 polarization 1 = with central polarizing boss 2 = without central polarizing boss *44 position connector is only available without strain relief - consult sales office for availability. elco elco customer application tooling a standard hand press set and platen is available. see page 27. polarizing keys (strip of 10) order code: 60 8290 4410 10 000 technical specification
15 elco elco low profile idc socket connector series 8290 no. of contacts ab 10 17.22 (0.68) 10.16 (0.40) 14 22.30 (0.88) 15.24 (0.60) 16 24.84 (0.98) 17.78 (0.70) 20 29.92 (1.18) 22.86 (0.90) 26 37.54 (1.48) 30.48 (1.20) 34 47.70 (1.88) 40.64 (1.60) 40 55.32 (2.18) 48.26 (1.90) 44 60.40 (2.38) 53.34 (2.10) 50 68.02 (2.68) 60.69 (2.39) 60 80.72 (3.18) 73.66 (2.90) 64 85.80 (3.38) 78.74 (3.10) standard strain relief order code part numbers when ordered separately 10 position 60 8290 6610 00 000 14 position 60 8290 6614 00 000 16 position 60 8290 6616 00 000 20 position 60 8290 6620 00 000 26 position 60 8290 6626 00 000 34 position 60 8290 6634 00 000 40 position 60 8290 6640 00 000 50 position 60 8290 6650 00 000 60 position 60 8290 6660 00 000 64 position 60 8290 6664 00 000 10 position 60 8290 68 10 000 00 14 position 60 8290 68 14 000 00 16 position 60 8290 68 16 000 00 20 position 60 8290 68 20 000 00 26 position 60 8290 68 26 000 00 34 position 60 8290 68 34 000 00 40 position 60 8290 68 40 000 00 50 position 60 8290 68 50 000 00 60 position 60 8290 68 60 000 00 64 position 60 8290 68 64 000 00 latching strain relief order code part numbers when ordered separately dimensions: millimeters (inches)


▲Up To Search▲   

 
Price & Availability of 008290010000011

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X